Part Number Hot Search : 
NTE61 UPB409C VQB75 CQ208B AD9656 TA0218A 1SMB58A CP201
Product Description
Full Text Search
 

To Download MBRF10150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF1035 - MBRF10150
Isolated 10.0 AMPS. Schottky Barrier Rectifiers ITO-220AC
.185(4.7) .173(4.4) .124(3.16) .118(3.00)
.406(10.3) .390(9.90) .134(3.4)DIA .113(3.0)DIA
.272(6.9) .248(6.3)
.112(2.85) .100(2.55)
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.25"(6.35mm)from case
.606(15.5) .583(14.8)
.063(1.6) MAX
.161(4.1) .146(3.7)
.110(2.8) .098(2.5)
.030(0.76) .020(0.50)
.055(1.4) .043(1.1) .035(0.9) .020(0.5)
.071(1.8) MAX
.543(13.8) .512(13.2)
2
.100(2.55)
.100(2.55)
Mechanical Data
Cases: JEDEC TO-220AC molded plastic body Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
PIN 1 PIN 2 CASE
Case Positive
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBRF MBRF MBRF Type Number
1035 1045 1050 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=125oC Peak Repetitive Forward Current (Rated VR, Square Wave, 20KHz) at Tc=125oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at: o (Note 2) IF=10A, TC=25 C o IF=10A, TC=125 C IF=20A, TC=25oC o IF=20A, TC=125 C Maximum Instantaneous Reverse Current o @ Tc =25 C at Rated DC Blocking Voltage o (Note 2) @ Tc=125 C Voltage Rate of Change (Rated VR)
Typical Junction Capacitance Maximum Typical Thermal Resistance(Note 3)
Maximum Ratings and Electrical Characteristics o
MBRF MBRF MBRF MBRF 1060 1090 10100 10150
Units
V V V A A A
VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF
35 24 35
45 31 45
50 35 50
60 42 60 10 32 150
90 63 90
100 70 100
150 105 150
1.0
0.70 0.57 0.84 0.72 0.80 0.70 0.95 0.85
0.5
0.85 0.71 1.05
A
V
IR
15
0.1 10 10,000 500 3.0 -65 to +150 -65 to +175
0.1 6.0
dV/dt
Cj
RJC
TJ TSTG
o
mA mA V/uS pF
Operating Junction Temperature Range Storage Temperature Range
C/W o C o C
Notes:
1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case Per Leg with Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
- 112 -
Version:B07
RATINGS AND CHARACTERISTIC CURVES (MBRF1035 THRU MBRF10150)
FIG.1- FORWARD CURRENT DERATING CURVE
12
175
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
10
PEAK FORWARD SURGE CURRENT. (A)
150
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD
150
8
125 100
6
4 2 0 0 50 100 o CASE TEMPERATURE. ( C)
MBRF1035-MBRF1045 MBRF1050-MBRF10150
75 50
25 0.1 1 10 NUMBER OF CYCLES AT 60Hz 100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
40
FIG.4- TYPICAL REVERSE CHARACTERISTICS
50
Tj=125 0C
10
INSTANTANEOUS REVERSE CURRENT. (mA)
10
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=125 0C
Pulse Width=300 s 1% Duty Cycle
1 Tj=75 0C
1 Tj=25 0C
0.1
0.1
MBRF1035-MBRF1045 MBRF1050-MBRF1060 MBRF1090-MBRF10150
0.01
Tj=25 0C
MBRF1035-MBRF1045 MBRF1050-MBRF10150 0.01 0 0.001 0 0.1 0.2 0.3 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V) 0.4 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
100 5,000 100
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
JUNCTION CAPACITANCE.(pF)
1,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
10
500
1
100 0.1
MBRF1035-MBRF1045 MBRF1050-MBRF1060 MBRF1090-MBRF10150 1.0 10 REVERSE VOLTAGE. (V)
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: B07


▲Up To Search▲   

 
Price & Availability of MBRF10150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X